Part Number Hot Search : 
2SA2042 SMLJ60CA KMC4S110 LRG5AP 104J100 CY23S02 90HBW03T AT90S85
Product Description
Full Text Search
 

To Download SS1307220ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SS1307L-
CONFIGURATION & DIMENSIONS
A : 13.00.3 : : : : : 7.00.3 5.0 typ. 14 .0 ref. 14.0 ref. 4.5 ref. m/m m/m m/m m/m m/m m/m
101
B A C D E F B
Marking
C
D
SCHEMATIC DIAGRAM
( PCB Pattern )
MATERIALS
a b c d Core Core Wire Plastic Ferrite DR core Ferrite RI core Enamelled copper wire (class F) GAP Specer
Peak Temp 260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec
e Terminal Ag/Ni/Sn f Remark Products comply with RoHS' requirements
e
Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max.
F E a b c d
GENERAL SPECIFICATION
a b c d e AE-001A Temp. rise Rated current Storage temp. Operating temp. 40 & -40 typ. Base on temp. rise L / LOA=10% typ. ----+125 -40 ----+105
Temperature ( )
250
50sec max.
Peak Temperature: 260 230
200 150
70sec max.
100 50
Resistance to solder heat 260 .10 secs.
0
50
100
150 Time ( seconds )
200
250
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SS1307L-
ELECTRICAL CHARACTERISTCS
DWG No. SS1307100ML- SS1307150ML- SS1307220ML- SS1307330ML- SS1307470ML- SS1307680ML- SS1307101ML- SS1307151ML- SS1307221ML- SS1307331ML- SS1307471ML- SS1307681ML- SS1307102ML- 1). 2)."Inductance ( H ) 10 20% 15 20% 2220% 33 20% 47 20% 68 20% 100 20% 150 20% 220 20% 330 20% 470 20% 680 20% 1000 20% Q ref. 46 45 42 50 50 48 48 42 38 38 36 36 32 Bulk B Test Freq. ( Hz ) L 100K 100K 100K 100K 100K 100K 100K 100K 100K 100K 100K 100K 100K Taping Reel Q 2.520M 2.520M 2.520M 2.520M 2.520M 2.520M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.252M SRF ( MHz ) nom 15.0 14.0 13.0 12.0 10.0 8.0 6.0 5.0 4.0 3.0 2.5 2.0 1.5 RDC () max 0.04 0.05 0.06 0.08 0.12 0.16 0.21 0.30 0.50 0.75 1.10 1.45 2.10 Irms (A) typ 4.60 4.00 3.50 2.80 2.40 2.00 1.60 1.30 1.10 0.80 0.72 0.60 0.50 Isat (A) typ 6.50 5.60 4.50 3.70 3.20 2.70 2.00 1.70 1.50 1.20 0.95 0.85 0.70
":Reference code
T = 40
Packaging information... A
3). Inductance Test Freq.at 100KHz/0.1V 4). Irms Base on 5). Isat Base on typ.
10 3 7 5 3 2 10 2 7 5 3 2 10 1 7 5 3 2 10 0 10 1
@ Inductance VS. DC Current Curve
102
L/L0A=10% typ.
221
Inductance uH
470
100
2
3
5 7 10 2
2
3
5 7 10 3
2
3
5 7 10 4
DC Current (mA) AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SS1307L-
PACKAGING INFORMATION
( 1 ) Configuration T
Cover tape
2.00.5
A
C
C
N
B
G
D
Emobossed carrier
Carrier tape width : D P:20 m/m End 4 m/m Start
101
101
101
101
101
Leader no component 200 m/m Min.
Components User direction of feed
Trailer no component 400 m/m Min.
( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 130.5 D 24 G 26 +0 N 50 -0
Unit:m/m T 30.4
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SS1307
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
400
1,800
13 - 24
1,600
9.5
40 x 40 x 24
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SS1307L-
DWGING NUMBER EXPRESSION
S
S
1
3
0
7 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1
Product Classification L Lead Free Standard products comply with RoHS' requirements Lead Free Special products comply with RoHS' requirements 1~9
Appendix code 2
Package Information
Code A B T.B.D.
Inner package
Inner package Q'TY T.B.D. 400 pcs
Remark
T / R ( Reel package )
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SS1307L-
RELIABILITY TEST
Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder. Test condition Preheat : 15025 for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 41 seconds
Solderability
Thermal shock test ( Temp. cycle )
Inductance shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-252 30 minutes 852 30 minutes
Humidity Resistance test
Temperature : 402 Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours
High temp. Resistance test
Temperature : 1052 Applied current : Per spec. Time : 500 hours
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
SHIELDED SMD POWER INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
SS1307L-
UL CARD
OBMW2 Magnet Wire-Component
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Mark Dsg
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
BC
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
Coat Typ
____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
ANSI Type
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
Temp Class
220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
A not-for-profit organization dedicated to public safety and com m itted to quality service
Page 1 of 2
Mtl Dsg
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mark Dsg ____
____ ____ ____ ____ ____
BC
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
Coat Typ
OC
Polyamide ____ ____ ____ Nylon Polyamide
ANSI Type
MW80C MW2-C ___ MW75C MW28-C MW28-C
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or , material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AE-001A


▲Up To Search▲   

 
Price & Availability of SS1307220ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X